PART |
Description |
Maker |
KM68V1000BLE_LE-L KM68U1000BLE_LE-L KM68U1000BLG-1 |
CONNECTOR ACCESSORY 连接器附 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM 128K的8位低功耗和低电压的CMOS Statinc内存 (KM68V1000B / KM68U1000B) 128K X 8bit Low Power and Low Voltage CMOS Statinc RAM
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
BS616UV2021DC BS616UV2021 BS616UV2021AC BS616UV202 |
10ns ultra low power/voltage CMOS SRAM 128K x 16 or 256K x 8bit switchable Ultra Low Power/Voltage CMOS SRAM 128K x 16 or 256K x 8 bit switchable Hex Buffer/Driver With Open-Drain Outputs 14-TSSOP -40 to 85
|
BSI[Brilliance Semiconductor] BRILLIANCE SEMICONDUCTOR, INC.
|
MC74LCX258DG MC74LCX32DR2 MC74LCX3205 MC74LCX374DR |
Low-Voltage CMOS Octal Buffer Flow Through Pinout; Package: TSSOP 20 LEAD; No of Pins: 20; Container: Tape and Reel; Qty per Container: 2500 LVC/LCX/Z SERIES, 8-BIT DRIVER, INVERTED OUTPUT, PDSO20 Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V−Tolerant Inputs and Outputs (3−State, Inverting) Low-Voltage CMOS Octal Buffer Flow Through Pinout With 5 V?Tolerant Inputs and Outputs (3?State, Inverting) Low-Voltage CMOS Octal D-Type Flip-Flop With 5 V?Tolerant Inputs and Outputs (3?State, Non?Inverting) Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?Tolerant Inputs Low-Voltage CMOS Quad 2-Input Multiplexer With 5 V?Tolerant Inputs and Outputs (3?State, Inverting)
|
ONSEMI[ON Semiconductor]
|
ADG742 ADG742BKS ADG741BKS ADG741 ADG741BKS-REEL A |
CMOS Low Voltage SPST (NC) Switch in SC-70 Package CMOS Low Voltage SPST (NO) Switch in SC-70 Package From old datasheet system CMOS Low Voltage 2ohm SPST Switches in SC70 Packages
|
AD[Analog Devices]
|
KM616FS4110ZI-10 KM616FS4110ZI-7 |
100ns; V(cc): -2 to 3V; 1W; 256K x 16-bit super low power and low voltage full CMOS static RAM 70ns; V(cc): -2 to 3V; 1W; 256K x 16-bit super low power and low voltage full CMOS static RAM
|
Samsung Electronic
|
ICL762101 ICL7621DCPA ICL7621 ICL7621BCPA ICL7621D |
Op Amp, CMOS, Rail-to-Rail Output, Low Voltage 1-8Vdc, Rin=10E12, Ibias=1pA, Dual Dual, Low Power CMOS Operational Amplifiers
|
INTERSIL[Intersil Corporation]
|
TMP04CH01FXXXJTMP04CH01XXXS |
CMOS 4 bit LL Microcontroller (LL: Low power consumption & Low voltage operation)
|
TOSHIBA
|
IS62U6416LL IS62U6416LL-20B IS62U6416LL-20KI IS62U |
64K x 16 LOW VOLTAGE, ULTRA-LOW POWER CMOS STATIC RAM
|
Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc]
|
FMP1617CCX |
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
|
FIDELIX
|
IS62WV25616ALL-70BI IS62WV25616ALL-70T IS62WV25616 |
256K x 16 LOW VOLTAGE, ULTRA LOW POWER CMOS STATIC SRAM
|
Integrated Silicon Solution, Inc
|